Part Number Hot Search : 
SB1040DC AD8113 87C750 NTE2942 50050 TDA16888 FU420 E2024
Product Description
Full Text Search
 

To Download RH0008C-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rh0008c solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com designer?s data sheet sdr429 __ __ screening 2 / __ = not screened tx = tx level txv = txv s = s level package type __ = axial leaded sms = surface mount square tab sdr429 sdr429sms 1 amp, 700 v hyper fast rectifier features: ? high voltage 700 v continuous ? very fast switching < 20 ns ? low high temperature leakage < 15 a ? very fast switching @ 100 o c < 35 ns ? hermetically sealed ? higher voltages available, consult factory ? tx, txv, s level screening available 2 / ? available axial leaded or surface mount (square tab) maximum ratings symbol value units peak repetitive and peak surge reverse voltage v rrm v rsm 700 volts average rectified forward current (resistive load, 60 hz sine wave) io 1.0 amps non repetitive surge current (8.3 ms pulse half sine wave superimposed on io) i fsm 18 amps operating & storage temperature top & tstg -55 to +175 oc maximum thermal resistance junction to lead, l = 1/8 " junction to end tab r jl r je 12 9 oc/w notes: 1 / for ordering information, price, and availability- contact factory. 2 / screening based on mil-prf-19500. scr eening flows available on request. axial lead diode sms
note: all specifications are subject to change without notification. scd's for these devices should be re viewed by ssdi prior to release. data sheet #: rh0008c solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404-4474 * fax: (562) 404-1773 s sdi@ssdi-power.com * www.ssdi-power.com sdr429 electrical characteristic symbol min typ max units instantaneous forward voltage drop (tj = 25oc, 300 sec pulse) if = 1a if = 3a vf1 vf2 ?? ?? 2.35 3.5 2.5 3.8 volts instantaneous forward voltage drop (tj = 100oc, 300 sec pulse) if = 1a if = 3a vf3 vf4 ?? ?? 1.65 2.5 1.8 2.7 volts instantaneous forward voltage drop (tj = -55oc, 300 sec pulse) if = 1a if = 3a vf5 vf6 ?? ?? 3.0 4.5 3.75 5.30 volts reverse leakage current (vr = 700 v, tj = 25oc, 300 sec pulse) ir1 ?? 0.2 1.0 a reverse leakage current (vr = 700 v, tj = 100oc, 300 sec pulse) ir2 ?? 5.0 20 a reverse recovery time (i f = 0.5a, i r = 1a, i rr = 0.25a ) t a = 25oc t a = 100oc t rr1 t rr2 ?? 17 32 20 35 nsec junction capacitance (vr=10 vdc, tc=25oc, f=1mhz) cj ?? 22 30 pf case outline: (axial) b ?c ?a d d dim min m ax a 0. 0 120? .145? b 0. 0 150? .190? c 0. 0 027? .033? d 1. - 00? - case outline: (sms) c b a a d dim min m ax a 0. 0 170? .180? b 0. 0 200? .240? c 0. 0 020? .030? d 0. - 005? -


▲Up To Search▲   

 
Price & Availability of RH0008C-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X